Part Number Hot Search : 
P6KE62CA UMAF30A 95080 KRA322E 47NF50KE CT374 1SV31107 74HC0
Product Description
Full Text Search
 

To Download MC74LVXT805111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 may, 2011 ? rev. 4 1 publication order number: mc74lvxt8051/d mc74lvxt8051 analog multiplexer / demultiplexer high ? performance silicon ? gate cmos the mc74lvxt8051 utilizes silicon ? gate cmos technology to achieve fast propagation delays, low on resistances, and low off leakage currents. this analog multiplexer/demultiplexer controls analog voltages that may vary across the complete power supply range (from v cc to gnd). the lvxt8051 is similar in pinout to the high ? speed hc4051a and the metal ? gate mc14051b. the channel ? select inputs determine which one of the analog inputs/outputs is to be connected by means of an analog switch to the common output/input. when the enable pin is high, all analog switches are turned off. the channel ? select and enable inputs are compatible with ttl ? type input thresholds. the input protection circuitry on this device allows overvoltage tolerance on the input, allowing the device to be used as a logic ? level translator from 3.0 v cmos logic to 5.0v cmos logic or from 1.8v cmos logic to 3.0 v cmos logic while operating at the higher ? voltage power supply. the mc74lvxt8051 input structure provides protection when voltages up to 7.0 v are applied, regardless of the supply voltage. this allows the mc74lvxt8051 to be used to interface 5.0 v circuits to 3.0 v circuits. this device has been designed so that the on resistance (r on ) is more linear over input voltage than r on of metal ? gate cmos analog switches. features ? fast switching and propagation speeds ? low crosstalk between switches ? diode protection on all inputs/outputs ? analog power supply range (v cc ? gnd) = 2.0 to 6.0 v ? digital (control) power supply range (v cc ? gnd) = 2.0 to 6.0 v ? improved linearity and lower on resistance than metal ? gate counterparts ? low noise ? in compliance with the requirements of jedec standard no. 7a ? these devices are pb ? free and are rohs compliant http://onsemi.com see detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ordering information marking diagrams tssop ? 16 dt suffix case 948f soeiaj ? 16 m suffix case 966 soic ? 16 d suffix case 751b lvxt8051g awlyww lvxt8051 alywg 1 16 1 16 1 16 lvxt8051 = specific device code a = assembly location wl, l = wafer lot y = year ww, w = work week g or  = pb ? free package (note: microdot may be in either location) lvxt 8051 alyw  
mc74lvxt8051 http://onsemi.com 2 figure 1. logic diagram single ? pole, 8 ? position plus common off x0 13 x1 14 x2 15 x3 12 x4 1 x5 5 x6 2 x7 4 a 11 b 10 c 9 enable 6 multiplexer/ demultiplexer x 3 analog inputs/ channel inputs pin 16 = v cc pin 8 = gnd common output/ input outputs select 15 16 14 13 12 11 10 2 1 34567 v cc 9 8 x2 x1 x0 x3 a b c x4 x6 x x7 x5 enable nc gnd pin connection and marking diagram (top view) l l l l h h h h x l l h h l l h h x l h l h l h l h x function table ? mc74lvxt8051 control inputs on channels enable select cba x0 x1 x2 x3 x4 x5 x6 x7 none l l l l l l l l h x = don?t care ordering information device package shipping ? mc74lvxt8051dg soic ? 16 (pb ? free) 48 units / rail mc74lvxt8051dr2g soic ? 16 (pb ? free) 2500 tape & reel mc74lvxt8051dtr2g tssop ? 16* 2500 tape & reel mc74lvxt8051mg soeiaj ? 16 (pb ? free) 50 units / rail mc74lvxt8051melg soeiaj ? 16 (pb ? free) 2000 tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *this package is inherently pb ? free.
mc74lvxt8051 http://onsemi.com 3 ??????????????????????? ??????????????????????? ???? ???? ????????????? ????????????? ?????? ?????? ??? ??? ???? ???? v cc ????????????? ????????????? ?????? ?????? ??? ??? ???? ???? ????????????? ????????????? ?????? ?????? ? 0.5 to v cc + 0.5 ??? ??? ???? ???? ????????????? ????????????? ?????? ?????? ??? ??? ???? ???? ????????????? ????????????? ?????? ?????? ? 20 ??? ??? ???? ???? ???? ????????????? ????????????? ????????????? ?????? ?????? ?????? ??? ??? ??? ???? ???? ????????????? ????????????? ?????? ?????? ??? ???  c ???? ???? ????????????? ????????????? ?????? ?????? ??? ???  c maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. ?derating ? soic package: ? 7 mw/  c from 65  to 125  c tssop package: ? 6.1 mw/  c from 65  to 125  c recommended operating conditions ???? ???? ????????????? ????????????? ???? ???? ??? ??? ??? ??? ???? ???? v cc ????????????? ????????????? ???? ???? ??? ??? ??? ??? ???? ???? ????????????? ????????????? ???? ???? ??? ??? ??? ??? ???? ???? ????????????? ????????????? ???? ???? ??? ??? ??? ??? ???? ???? ????????????? ????????????? ???? ???? ??? ??? ??? ??? ???? ???? ????????????? ????????????? ???? ???? ??? ??? ??? ???  c ???? ???? ???? ???? ????????????? ????????????? ????????????? ????????????? 0.3 v v cc = 5.0 v 0.5 v ???? ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? dc characteristics ? digital section (voltages referenced to gnd) symbol parameter condition v cc v guaranteed limit unit ? 55 to 25 c 85 c 125 c v ih minimum high ? level input voltage, channel ? select or enable inputs r on = per spec 3.0 4.5 5.5 1.2 2.0 2.0 1.2 2.0 2.0 1.2 2.0 2.0 v v il maximum low ? level input voltage, channel ? select or enable inputs r on = per spec 3.0 4.5 5.5 0.53 0.8 0.8 0.53 0.8 0.8 0.53 0.8 0.8 v i in maximum input leakage current, channel ? select or enable inputs v in = v cc or gnd 5.5 0.1 1.0 1.0  a i cc maximum quiescent supply current (per package) channel select, enable and v is = v cc or gnd; v io = 0 v 5.5 4 40 160  a this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high ? impedance cir- cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
mc74lvxt8051 http://onsemi.com 4 dc electrical characteristics analog section ???? ???? ???? symbol ?????????? ?????????? ?????????? ????????? ????????? ????????? ??? ??? ??? ????????? ????????? ??? ??? ??? ???? ???? ? 55 to 25 c ???? ????  85  c ??? ???  125  c ???? ???? ???? ???? ???? ???? r on ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ????????? ????????? ?????????  10.0 ma (figures 1, 2) ??? ??? ??? ???? ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ???  ????????? ????????? ????????? ????????? v in = v il or v ih v is = v cc or gnd (endpoints) |i s |  10.0 ma (figures 1, 2) ??? ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ??? ??? ??? ??? ???? ???? ????  r on ?????????? ?????????? ?????????? ????????? ????????? ????????? ? gnd) |i s |  10.0 ma ??? ??? ??? ???? ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ???  i off maximum off ? channel leakage current, any one channel v in = v il or v ih ; v io = v cc or gnd; switch off (figure 3) 5.5 0.1 0.5 1.0  a maximum off ? channel leakage current, common channel v in = v il or v ih ; v io = v cc or gnd; switch off (figure 4) 5.5 0.2 2.0 4.0 i on maximum on ? channel leakage current, channel ? to ? channel v in = v il or v ih ; switch ? to ? switch = v cc or gnd; (figure 5) 5.5 0.2 2.0 4.0  a ac characteristics (c l = 50 pf, input t r = t f = 3 ns) symbol parameter v cc v guaranteed limit unit ? 55 to 25 c 85 c 125 c t plh , t phl maximum propagation delay, channel ? select to analog output (figure 9) 2.0 3.0 4.5 5.5 30 20 15 15 35 25 18 18 40 30 22 20 ns t plh , t phl maximum propagation delay, analog input to analog output (figure 10) 2.0 3.0 4.5 5.5 4.0 3.0 1.0 1.0 6.0 5.0 2.0 2.0 8.0 6.0 2.0 2.0 ns t plz , t phz maximum propagation delay, enable to analog output (figure 11) 2.0 3.0 4.5 5.5 30 20 15 15 35 25 18 18 40 30 22 20 ns t pzl , t pzh maximum propagation delay, enable to analog output (figure 11) 2.0 3.0 4.5 5.5 20 12 8.0 8.0 25 14 10 10 30 15 12 12 ns c in maximum input capacitance, channel ? select or enable inputs 10 10 10 pf c i/o maximum capacitance analog i/o 35 35 35 pf (all switches off) common o/i 130 130 130 feedthrough 1.0 1.0 1.0 c pd power dissipation capacitance (figure 13)* typical @ 25 c, v cc = 5.0 v pf 45 * used to determine the no ? load dynamic power consumption: p d = c pd v cc 2 f + i cc v cc .
mc74lvxt8051 http://onsemi.com 5 additional application characteristics (gnd = 0 v) symbol parameter condition v cc v limit* unit 25 c bw maximum on ? channel bandwidth or minimum frequency response (figure 6) f in = 1mhz sine wave; adjust f in voltage to obtain 0dbm at v os ; increase f in frequency until db meter reads ? 3db; r l = 50  , c l = 10pf 3.0 4.5 5.5 mhz 80 80 80 ? off ? channel feedthrough isolation (figure 7) f in = sine wave; adjust f in voltage to obtain 0dbm at v is f in = 10khz, r l = 600  , c l = 50pf 3.0 4.5 5.5 ? 50 ? 50 ? 50 db f in = 1.0mhz, r l = 50  , c l = 10pf 3.0 4.5 5.5 ? 37 ? 37 ? 37 ? feedthrough noise. channel ? select input to common i/o (figure 8) v in 1mhz square wave (t r = t f = 3ns); adjust r l at setup so that i s = 0a; enable = gnd r l = 600  , c l = 50pf 3.0 4.5 5.5 25 105 135 mv pp r l = 10k  , c l = 10pf 3.0 4.5 5.5 35 145 190 ? crosstalk between any two switches (figure 12) f in = sine wave; adjust f in voltage to obtain 0dbm at v is f in = 10khz, r l = 600  , c l = 50pf 3.0 4.5 5.5 ? 50 ? 50 ? 50 db f in = 1.0mhz, r l = 50  , c l = 10pf 3.0 4.5 5.5 ? 60 ? 60 ? 60 thd total harmonic distortion (figure 14) f in = 1khz, r l = 10k  , c l = 50pf thd = thd measured ? thd source v is = 2.0v pp sine wave v is = 4.0v pp sine wave v is = 5.0v pp sine wave 3.0 4.5 5.5 0.10 0.08 0.05 % *limits not tested. determined by design and verified by qualification.
mc74lvxt8051 http://onsemi.com 6 figure 1a. typical on resistance, v cc = 3.0 v 25 20 15 10 5 0 1.0 2.0 3.0 4.0 v in , input voltage (volts) r on , on resistance (ohms) 85 c -55 c 125 c 0 25 c 40 35 30 figure 1b. typical on resistance, v cc = 4.5 v figure 1c. typical on resistance, v cc = 5.5 v 25 20 5 0 1.0 2.0 4.0 3.0 5.0 v in , input voltage (volts) r on , on resistance (ohms) 85 c -55 c 125 c 0 25 c 5 0 1.0 2.0 3.0 4.0 5.0 6.0 v in , input voltage (volts) r on , on resistance (ohms) 85 c -55 c 125 c 0 25 c 10 15 30 10 15 20 25 figure 2. on resistance test set ? up plotter mini computer programmable power supply dc analyzer v cc device under test + - gnd analog in common out gnd
mc74lvxt8051 http://onsemi.com 7 figure 3. maximum off channel leakage current, any one channel, test set ? up figure 4. maximum off channel leakage current, common channel, test set ? up figure 5. maximum on channel leakage current, channel to channel, test set ? up figure 6. maximum on channel bandwidth, test set ? up figure 7. off channel feedthrough isolation, test set ? up figure 8. feedthrough noise, channel select to common out, test set ? up off off 6 8 16 common o/i v cc v ih nc a v cc gnd v cc off off 6 8 16 common o/i v cc v ih analog i/o v cc gnd v cc on off 6 8 16 common o/i v cc v il v cc gnd v cc n/c a analog i/o on 6 8 16 v cc 0.1  f c l * f in r l db meter *includes all probe and jig capacitance off 6 8 16 v cc 0.1  f c l * f in r l db meter *includes all probe and jig capacitance v os v os r l v is v il or v ih channel select on/off 6 8 16 v cc c l * r l *includes all probe and jig capacitance channel select test point common o/i 11 v cc off/on analog i/o r l r l v ih v il v in 1 mhz t r = t f = 3 ns
mc74lvxt8051 http://onsemi.com 8 figure 9a. propagation delays, channel select to analog out figure 9b. propagation delay, test set ? up channel select to analog out figure 10a. propagation delays, analog in to analog out figure 10b. propagation delay, test set ? up analog in to analog out figure 11a. propagation delays, enable to analog out figure 11b. propagation delay, test set ? up enable to analog out v cc gnd channel select analog out 50% t plh t phl 50% on/off 6 8 16 v cc c l * *includes all probe and jig capacitance channel select test point common o/i off/on analog i/o v cc v cc gnd analog in analog out 50% t plh t phl 50% on 6 8 16 v cc c l * *includes all probe and jig capacitance test point common o/i analog i/o on/off 6 8 enable v cc enable 90% 50% 10% t f t r v cc gnd analog out t pzl analog out t pzh high impedance v ol v oh high impedance 10% 90% t plz t phz 50% 50% analog i/o c l * test point 16 v cc 1k  1 2 1 2 position 1 when testing t phz and t pzh position 2 when testing t plz and t pzl v ih v il
mc74lvxt8051 http://onsemi.com 9 r l figure 12. crosstalk between any two switches, test set ? up figure 13. power dissipation capacitance, test set ? up figure 14a. total harmonic distortion, test set ? up figure 14b. plot, harmonic distortion 0 -10 -20 -30 -40 -50 - 100 1.0 2.0 3.125 frequency (khz) db -60 -70 -80 -90 fundamental frequency device source on 6 8 16 c l * *includes all probe and jig capacitance off r l r l v is r l c l * v os f in 0.1  f on/off 6 8 16 v cc channel select nc common o/i off/on analog i/o v cc a 11 v cc on 6 8 16 v cc 0.1  f c l * f in r l to distortion meter *includes all probe and jig capacitance v os v is applications information the channel select and enable control pins should be at v cc or gnd logic levels. v cc being recognized as a logic high and gnd being recognized as a logic low. in this example: v cc = +5v = logic high gnd = 0v = logic low the maximum analog voltage swing is determined by the supply voltage v cc . the positive peak analog voltage should not exceed v cc . similarly, the negative peak analog voltage should not go below gnd. in this example, the difference between v cc and gnd is five volts. therefore, using the configuration of figure 15, a maximum analog signal of five volts peak ? to ? peak can be controlled. unused analog inputs/outputs may be left floating (i.e., not connected). however, tying unused analog inputs and outputs to v cc or gnd through a low value resistor helps minimize crosstalk and feedthrough noise that may be picked up by an unused switch. although used here, balanced supplies are not a requirement. the only constraints on the power supplies are that: v cc ? gnd = 2 to 6 volts when voltage transients above v cc and/or below gnd are anticipated on the analog channels, external germanium or schottky diodes (d x ) are recommended as shown in figure 16. these diodes should be able to absorb the maximum anticipated current surges during clipping.
mc74lvxt8051 http://onsemi.com 10 analog signal figure 15. application example figure 16. external germanium or schottky clipping diodes a. low voltage logic level shifting control b. 2 ? stage logic level shifting control figure 17. interfacing to low voltage cmos outputs on 6 8 16 +5v analog signal +5v 0v +5v 0v 11 10 9 to external lsttl compatible circuitry 0 to v ih digital signals on/off 8 16 v cc gnd d x v cc d x gnd d x v cc d x analog signal on/off 6 8 16 +3v analog signal +3v gnd +3v gnd 11 10 9 1.8v - 2.5v circuitry analog signal on/off 6 8 16 +5v analog signal +5v gnd +5v gnd 11 10 9 1.8v - 2.5v circuitry +5v mc74vhct1gt50 buffers v cc = 3.0v figure 18. function diagram, lvxt8051 13 x0 14 x1 15 x2 12 x3 1 x4 5 x5 2 x6 4 x7 3 x level shifter level shifter level shifter level shifter 11 a 10 b 9 c 6 enable
mc74lvxt8051 http://onsemi.com 11 package dimensions soic ? 16 case 751b ? 05 issue k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 18 16 9 seating plane f j m r x 45  g 8 pl p ? b ? ? a ? m 0.25 (0.010) b s ? t ? d k c 16 pl s b m 0.25 (0.010) a s t dim min max min max inches millimeters a 9.80 10.00 0.386 0.393 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019  6.40 16x 0.58 16x 1.12 1.27 dimensions: millimeters 1 pitch soldering footprint 16 89 8x
mc74lvxt8051 http://onsemi.com 12 package dimensions tssop ? 16 case 948f ? 01 issue b ??? ??? dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c ??? 1.20 ??? 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.18 0.28 0.007 0.011 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash. protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ? w ? .  section n ? n seating plane ident. pin 1 1 8 16 9 detail e j j1 b c d a k k1 h g ? u ? s u 0.15 (0.006) t s u 0.15 (0.006) t s u m 0.10 (0.004) v s t 0.10 (0.004) ? t ? ? v ? ? w ? 0.25 (0.010) 16x ref k n n 7.06 16x 0.36 16x 1.26 0.65 dimensions: millimeters 1 pitch soldering footprint
mc74lvxt8051 http://onsemi.com 13 package dimensions soeiaj ? 16 case 966 ? 01 issue a h e a 1 dim min max min max inches --- 2.05 --- 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.10 0.20 0.007 0.011 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 --- 0.78 --- 0.031 a 1 h e q 1 l e  10  0  10  l e q 1  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). m l detail p view p c a b e m 0.13 (0.005) 0.10 (0.004) 1 16 9 8 d z e a b c d e e l m z on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. mc74lvxt8051/d publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC74LVXT805111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X